Part Number Hot Search : 
55932 HC4852 SOT343N PT22506 TDA8705A BTA16 MC1741C 08500
Product Description
Full Text Search
 

To Download IRFZ48NSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 l l l l l l l
Description
Advanced Process Technology Surface Mount (IRFZ48NS) Low-profile through-hole (IRFZ48NL) 175C Operating Temperature Fast Switching Fully Avalanche Rated Lead-Free
G
IRFZ48NSPBF IRFZ48NLPbF
D
PD - 95125
HEXFET(R) Power MOSFET VDSS = 55V RDS(on) = 0.014 ID = 64A
S
Advanced HEXFET (R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRFZ48NL) is available for lowprofile applications.
D 2 Pak
TO-262
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @TC = 25C VGS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
64 45 210 3.8 130 0.83 20 32 13 5.0 -55 to + 175 300 (1.6mm from case )
Units
A W W W/C V A mJ V/ns C
Thermal Resistance
Parameter
RqJC RqJA Junction-to-Case Junction-to-Ambient ( PCB Mounted,steady-state)**
Typ.
--- ---
Max.
1.15 40
Units
C/W
www.irf.com
1
3/18/04
IRFZ48NS/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LS Ciss Coss Crss EAS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Single Pulse Avalanche Energy Min. 55 --- --- 2.0 24 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 14 m VGS = 10V, ID = 32A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 32A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 81 ID = 32A 19 nC VDS = 44V 30 VGS = 10V, See Fig. 6 and 13 --- VDD = 28V --- ID = 32A ns --- RG = 0.85 --- VGS = 10V, See Fig. 10 --- nH Between lead, and center of die contact 1970 --- VGS = 0V 470 --- VDS = 25V 120 --- pF = 1.0MHz, See Fig. 5 700 190 mJ IAS = 32A, L = 0.37mH Typ. --- 0.058 --- --- --- --- --- --- --- --- --- --- 12 78 34 50 7.5
Source-Drain Ratings and Characteristics
IS
I SM
VSD trr Q rr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 64 --- --- showing the A G integral reverse --- --- 210 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 32A, VGS = 0V --- 68 100 ns TJ = 25C, IF = 32A --- 220 330 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 0.37mH
TJ 175C
max. junction temperature. ( See fig. 11 )
Pulse width 400s; duty cycle 2%. This is the destructive value not limited to the thermal limit. This is the thermal limited value.
RG = 25, IAS = 32A. (See Figure 12)
ISD 32A, di/dt 220A/s, VDD V(BR)DSS,
** When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended soldering techniques refer to application note #AN-994.
2
www.irf.com
IRFZ48NS/LPbF
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
4.5V
10
10
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
TJ = 25 C TJ = 175 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 64A
I D , Drain-to-Source Current (A)
2.0
100
1.5
1.0
10
0.5
1
V DS = 25V 20s PULSE WIDTH 4 6 8 10 12
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFZ48NS/LPbF
3500 3000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 32A VDS = 44V VDS = 27V VDS = 11V
16
C, Capacitance (pF)
2500 2000 1500 1000 500
Ciss
12
8
Coss Crss
4
0
1
10
100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
100
TJ = 175 C
ID , Drain-to-Source Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
100 100sec 10 1msec 1 Tc = 25C Tj = 175C Single Pulse 1 10 VDS , Drain-toSource Voltage (V)
10
TJ = 25 C
1
10msec
0.1 0.2
V GS = 0 V
0.7 1.2 1.7 2.2
0.1
100
VSD ,Source-to-Drain Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFZ48NS/LPbF
70
V DS
60
RD
VGS RG V GS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
ID , Drain Current (A)
50 40 30 20 10 0
-V DD
Fig 10a. Switching Time Test Circuit
VDS 90%
25 50 75 100 125 150 175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFZ48NS/LPbF
15V
EAS , Single Pulse Avalanche Energy (mJ)
360
TOP
300
VDS
L
DRIVER
BOTTOM
ID 13A 23A 32A
240
RG
20V
D.U.T
IAS tp
+ V - DD
A
180
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
120
60
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFZ48NS/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T*
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG V GS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ V DD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRFZ48NS/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L OT CODE 80 2 4 AS S E M B L E D ON W W 0 2, 20 00 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s itio n in dicates "L ead-F r ee" IN T E R N AT IO N AL R E C T IF IE R L OGO AS S E M B L Y L O T CO D E P AR T N U M B E R F 5 30 S D AT E C O D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L OT COD E P AR T N U M B E R F 530S D AT E CO D E P = D E S IG N AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 W E E K 02 A = AS S E M B L Y S IT E CO D E
8
www.irf.com
IRFZ48NS/LPbF
TO-262 Package Outline
IGBT 1- GATE 2- COLLECTOR 3- EMITTER
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS SEMBLED ON WW 19, 1997 IN T HE ASS EMBLY LINE "C" Note: "P" in as s embly line pos ition indicates "Lead-Free" INTERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
DATE CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT ERNAT IONAL RECT IFIER LOGO ASS EMBLY LOT CODE PART NUMBER DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) YEAR 7 = 1997 WEEK 19 A = AS SEMBLY S ITE CODE
www.irf.com
9
IRFZ48NS/LPbF
D2Pak Tape & Reel Infomation
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFZ48NSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X